PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
BUS98 BUS98A ON0252 |
SITCHMODE Series NPN Silicon Power Transistors From old datasheet system 30 AMPERES NPN SILICON POWER TRANSISTORS(SWITCHMODE SERIES)
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
BD237 ON0191 |
From old datasheet system POWER TRANSISTORS NPN SILICON Plastic Medium Power Silicon NPN Transistor CASE 77-09 TO-225AA TYPE
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MJ10005 ON1967 |
NPN SILICON POWER DARLINGTON TRANSISTORS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc
|
2SC4414 |
NPN Epitaxial Planar Silicon Transistors Low-Frequency Power Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1121 2SD1621 2SD1621U 2SB1121R |
NPN Epitaxial Planar Silicon Transistors High-Current Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sanyo Hitachi,Ltd.
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
BC737 BC738 |
PNP SILICON AF MEDIUM POWER TRANSISTORS (BC737 / BC738) NPN SILICON AF MEDIUM POWER TRANSISTORS
|
Micro Electronics
|
MJE2955T |
Silicon NPN Power Transistors Silicon PNP Power Transistors MJE2955T Silicon PNP Power Transistors MJE2955T
|
Savantic, Inc.
|
2N2220 2N2221 2N2222 Q68000-A4573 Q62702-F134 Q627 |
NPN Silicon Planar Transistors 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 NPN Silicon Planar Transistors NPN硅平面晶体管
|
SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|